Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 5 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 5 Page - Semtech Corporation

  GS3441 Datasheet HTML 1Page - Semtech Corporation GS3441 Datasheet HTML 2Page - Semtech Corporation GS3441 Datasheet HTML 3Page - Semtech Corporation GS3441 Datasheet HTML 4Page - Semtech Corporation GS3441 Datasheet HTML 5Page - Semtech Corporation GS3441 Datasheet HTML 6Page - Semtech Corporation GS3441 Datasheet HTML 7Page - Semtech Corporation GS3441 Datasheet HTML 8Page - Semtech Corporation GS3441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
5 of 25
Proprietary & Confidential
www.semtech.com
6, 7
AGC, AGC
Analog
—
External AGC capacitor connection.
8BYPASS
Not
Synchronous
Input
Core Bypass Control.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility. This
pin is a 2.5V input that is tolerant to 3.3V levels.
Forces the equalizer and DC-restore stages into Bypass mode when
HIGH. No equalization occurs in this mode.
This pin has an internal pull-down resistor.
9
SQ_ADJ
Analog
Input
Squelch Threshold Adjust.
Adjusts the input signal amplitude threshold of the carrier detect
function. The serial data output of the device can be muted when
the serial data input signal amplitude is too low by connecting the
CD and OPn_CTL pins via suitable resistor networks (see Figure 4-2
and Figure 4-3).
This pin has an internal pull-down resistor.
Note: The SQ_ADJ function is only available when the device is not
in auto-sleep mode. Reference Section 4.5 for more detail.
10
OP2_EN
—
Input
Output 2 Enable.
Please refer to the input logic parameter in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When HIGH, Output 2 is operational.
When LOW, Output 2 is powered-down and the outputs are both at
VCC_O2.
This pin has an internal pull-down resistor.
11
OP2_CTL
Not
Synchronous
Input
Controls the Output Swing, De-emphasis and Mute features of the
DDO/DDO outputs for Output 2.
When this pin is connected to GND, the output swing is 850mVppd
with no de-emphasis.
With this pin connected to a 2.5V, the output is muted.
Intermediate voltages and functions are shown in Table 4-5. These
voltages can be achieved as shown in Figure 4-2 and Figure 4-3.
This pin has an internal pull-down resistor.
12
VCC_O2
Analog
Power
Most positive power supply connection for the output buffer for
output 2.
Connect to 1.2 - 3.3V DC.
13, 14
DDO2,
DDO2
Analog
Output
Serial digital differential output 2.
15
VEE_O2
Analog
Power
Most negative power supply connection for the output buffer for
output 2.
Connect to GND.
16
VEE_O1
Analog
Power
Most negative power supply connection for the output buffer for
output 1.
Connect to GND.
17, 18
DDO1,
DDO1
Analog
Output
Serial digital differential output 1.
Table 1-1: GS3441 Pin Descriptions (Continued)
Pin Number
Name
Timing
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com