Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3441 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS3441
Description  Extended Reach 3G/HD/SD Adaptive Cable Equalizer with Dual Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3441 Datasheet(HTML) 2 Page - Semtech Corporation

  GS3441 Datasheet HTML 1Page - Semtech Corporation GS3441 Datasheet HTML 2Page - Semtech Corporation GS3441 Datasheet HTML 3Page - Semtech Corporation GS3441 Datasheet HTML 4Page - Semtech Corporation GS3441 Datasheet HTML 5Page - Semtech Corporation GS3441 Datasheet HTML 6Page - Semtech Corporation GS3441 Datasheet HTML 7Page - Semtech Corporation GS3441 Datasheet HTML 8Page - Semtech Corporation GS3441 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
GS3441 Extended Reach 3G/HD/SD Adaptive Cable
Equalizer with Dual Outputs
Final Data Sheet
Rev. 1
GENDOC-056647
May 2013
2 of 25
Proprietary & Confidential
www.semtech.com
Description (Continued)
The GS3441 also features programmable output
de-emphasis with three, user-selectable operating levels to
support long PCB traces at the output of the device.
The device comes in a 24-pin, 4mm x 4mm QFN package
and is footprint compatible with Semtech’s GS2993
equalizer.
Power consumption of the GS3441 is typically 212mW
when DC-coupled at 1.2V.
The GS3441 is Pb-free, and the encapsulation compound
does not contain halogenated flame retardant.
This component and all homogeneous subcomponents are
RoHS compliant.
GS3441 Functional Block Diagram
Equalizer
Output 1
AGC
SDI
SLEEP
DDO1
BYPASS
CD
SDI
DDO1
AGC
AGC
OP1_EN
SQ_ADJ
Squelch Adjust
Carrier Detect
Mute
DC
Restore
Output 2
DDO2
DDO2
OP2_EN
VEE_O1
VEE_O2
OP2_CTL
OP1_CTL
VCC_O1
VCC_O2
CLI
VCC_A
VEE_A
GAIN_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com