Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 4 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 4 Page - Intersil Corporation

  LCL8052ACPD Datasheet HTML 1Page - Intersil Corporation LCL8052ACPD Datasheet HTML 2Page - Intersil Corporation LCL8052ACPD Datasheet HTML 3Page - Intersil Corporation LCL8052ACPD Datasheet HTML 4Page - Intersil Corporation LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
5-9
25
CLOCK 1
Clock Input: External clock or ocsillator.
26
CLOCK 2
Clock Output: Crystal or RC oscillator.
27
MODE
INPUT LO: Direct output mode where CE/LD, HBEN, MBEN and LBEN act as inputs directly
controlling byte outputs. If pulsed HI causes immediate entry into handshake mode (see Figure
13). If HI, enables CE/LD, HBEN, MBEN and LBEN as outputs. Handshake mode will be entered
and data output as in Figures 11 and 12 at conversion completion.
28
R/H
RUN/HOLD: Input HI conversions continuously performed every 217(-16) or 215(-14) clock
pulses. Input LO conversion in progress completed, converter will stop in Auto-Zero 7 counts
before input integrate.
29
SEN
SEND ENABLE: Input controls timing of byte transmission in handshake mode. HI indicates
‘send’.
30
CE/LD
CHIP ENABLE/ LOAD: WITH MODE (PIN 27) LO, CE/LD serves as a master output enable;
when HI, the bit outputs and POL, OR are disabled. With MODE HI, pin serves as a LOAD strobe
(-ve going) used in handshake mode. See Figures 11 and 12.
31
V+
Positive Logic Supply Voltage: Nominally +5V.
32
AN I/P
Analog Input: High Side.
33
BUF IN
Buffer Input: Buffer Analog to analog chip (ICL8052 or ICL8086).
34
REFCAP2
Reference Capacitor: Negative Side.
35
AN. GND
Analog Ground: Input low side and reference low side.
36
A-Z
Auto-Zero node.
37
VREF
Voltage Reference: Input (positive side).
38
REFCAP1
Reference Capacitor: Positive side.
39
COMP-IN
Comparator Input: From 8052/8068.
40
V-
Negative Supply Voltage: Nominally -15V.
Pin Descriptions (Continued)
PIN NO.
SYMBOL
OPTION
DESCRIPTION
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com