Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 12 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 12 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
5-17
FIGURE 6A. PHASE I AUTO-ZERO
FIGURE 6B. PHASE II INTEGRATE INPUT
FIGURE 6C. PHASE III + DEINTEGRATE
FIGURE 6D. PHASE III DEINTEGRATE
A2
+
-
A3
+
-
INTEGRATOR
COMP.
A1
+
-
BUFFER
CINT
1
RINT
CAZ
ZERO
CROSS.
DET.
POL
CL
2
3
6
7
8
9
AN
I/P
CL
ZERO
CROSSING
F/F
Q
D
VREF
CREF
-
+
4
A2
+
-
A3
+
-
INTEGRATOR
COMP.
A1
+
-
BUFFER
CINT
1
RINT
CAZ
ZERO
CROSS.
DET.
POL
CL
2
3
6
7
8
9
AN
I/P
CL
ZERO
CROSSING
F/F
Q
D
CL
POL
F/F
Q
D
PHASE II
POL
VREF
CREF
-
+
4
A2
+
-
A3
+
-
INTEGRATOR
COMP.
A1
+
-
BUFFER
CINT
1
RINT
CAZ
ZERO
CROSS.
DET.
POL
CL
2
3
6
7
8
9
+AN
I/P
CL
ZERO
CROSSING
F/F
Q
D
VREF
CREF
-
+
4
A2
+
-
A3
+
-
INTEGRATOR
COMP.
A1
+
-
BUFFER
CINT
1
RINT
CAZ
ZERO
CROSS.
DET.
POL
CL
2
3
6
7
8
9
-AN
I/P
CL
ZERO
CROSSING
F/F
Q
D
VREF
CREF
-
+
4
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com