Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 21 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 21 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
5-26
ICL7104 with ICL8052/8068 Integrating A/D Converter Equations
• Oscillator
CRYSTAL or RC (RC on -14 Part Only)
fOSC (Typ) 200kHz
fOSC = 0.45/RC (ICL7104-14 Only)
COSC > 50pF and ROSC > 50K
• Oscillator Period
tOSC = 1/fOSC
• Integration Clock Frequency
fCLOCK = fOSC
• Integration Period
tINT = 8192 x tOSC (7104-14)
tINT = 32768 x tOSC (7104-16)
• 60/50Hz Rejection Criterion
tINT/t60Hz or tINT/t50Hz = Integer
• Optimum Integration Current
IINT = 20µA
• Full Scale Analog Input Voltage
VINFS (Typ) = 200mV to 2V = 2VREF
• Integrate Resistor
• Integrate Capacitor
• Integrator Output Voltage
VINT (Typ) = 9V
• Output Count
• Output Type:
Binary Amplitude with Polarity and Overrange Bits.
• Power Supply:
±15V, +5V
V++ = +15V
V- = -15V
V+ = +5V
VREF ≅ 1.75V
If VREF not used, float output pin.
• Auto Zero Capacitor Values
0.01
µF < CAZ < 1µF
• Reference Capacitor Value
CREF = (Buffer Gain) x CAZ
R
INT
Buffe rGain
() V
INFS
×
I
INT
-------------------------------------------------------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
INT
()
C
INT
--------------------------------
=
Count
8192
V
IN
V
REF
---------------
×
(7104-14)
=
Count
32768
V
IN
V
REF
---------------
×
(7104-16)
=
FIGURE 17.
AUTOZERO
(COUNT)
24,576 - 8,193
98,304 - 32,769
INTEGRATE
(FIXED COUNT)
8192
32768
DEINTEGRATE
(COUNT)
0 - 16383
0 - 65535
ICL7104 - 14
ICL7104 - 16
CONVERSION TIME (IN CONTINUOUS MODE):
32,768
† tOSC (7104 - 14)
131,072
† tOSC (7104 - 16)
ICL8052/ICL7104, ICL8068/ICL7104
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com