Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 19 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 19 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
5-24
Initial Clear Circuitry
The internal logic of the 7104 is supplied by an internal
regulator between V++ and Digital Ground. The regulator
includes a low-voltage detector that will clear various
registers. This is intended to ensure that on initial power-up,
the control logic comes up in Auto-Zero, with the 2nd, 3rd,
and 4th MSB bits cleared, and the “mode” F/F cleared (i.e.,
in “direct” mode). This, however, will also clear these regis-
ters if the supply voltage “glitches” to a low enough value.
Additionally, if the supply voltage comes up too fast, this
clear pulse may be too narrow for reliable clearing. In gen-
eral, this is not a problem, but if the UART internal “MODE”
F/F should come up set, the byte and chip ENABLE lines will
become active outputs. In many systems this could lead to
bus conflicts, especially in non-handshake systems. In any
case, SEN should be high (held high for non-handshake sys-
tems) to ensure that the MODE F/F will be cleared as fast as
possible (see Figure 11 for timing). For these and other
reasons, adequate supply bypass is recommended.
Oscillator
The ICL7104-14 is provided with a versatile three terminal
oscillator to generate the internal clock. The oscillator may
be overdriven, or may be operated as an RC or crystal
oscillator.
Figure 14 shows the oscillator configured for RC operation.
The internal clock will be of the same frequency and phase
as the voltage on the CLOCK 3 pin. The resistor and
capacitor should be connected as shown. The circuit will
oscillate at a frequency given by f = 0.45/RC. A 50 - 100k
Ω
resistor is recommended for useful ranges of frequency. For
optimum 60Hz line rejection, the capacitor value should be
chosen such that 32768 (-16), 8192 (-14) clock periods is
close to an integral multiple of the 60Hz period.
As a result of pin count limitations, the ICL7104-16 has only
CLOCK 1 and CLOCK 2 available, and cannot be used as
an RC oscillator. The internal clock will correspond to the
inverse of the signal on CLOCK 2. Figure 15 shows a crystal
oscillator circuit, which can be used with both 7104 versions.
If an external clock is to be used, it should be applied to
CLOCK 1. This internal clock will correspond to the signal
applied to this pin.
FIGURE 13. HANDSHAKE TRIGGERED BY MODE
DATA VALID
INTERNAL
INTERNAL
STATUS
MODE
INTERNAL
SEN INPUT
CE/LOAD
UART
HIGH BYTE
MIDDLE
LOW BYTE
NORM
HBEN
MBEN
LBEN
ZERO-CROSSING DETECTED
ZERO-CROSSING OCCURS
CLOCK
LATCH
OUTPUT
INPUT
MODE
DATA
BYTE DATA
DATA
DATA VALID
DATA VALID
STATUS OUTPUT UNAFFECTED
BY UART MODE
LATCH PULSE INHIBITED
IN UART MODE
THREE-STATE WITH PULLUP
THREE-STATE HIGH IMPEDANCE
DON’T CARE
POSITIVE TRANSITION
CAUSES ENTRY INTO
UART MODE
DEINT PHASE III
AS OUTPUT
NOTE: Clock 3 has the same output drive as the bit outputs.
FIGURE 14. RC OSCILLATOR (ICL7104-14 ONLY)
CLOCK
25
26
R
C
2
CLOCK
3
CLOCK
1
24
fOSC = 0.45/RC
FIGURE 15. CRYSTAL OSCILLATOR
CLOCK
25
26
2
CLOCK
1
V+
†CAPACITOR VALUE
DEPENDS ON CRYSTAL
TYP 0-30pF
CRYSTAL
†
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com