Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 15 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 15 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
5-20
Detailed Description
DIGITAL SECTION
The digital section includes the clock oscillator circuit, a
16-bit or 14-bit binary counter with output latches and TTL-
compatible three-state output drivers, polarity, over-range
and control logic and UART handshake logic, as shown in
the Block Diagram Figure 9 (16-bit version shown).
Throughout this description, logic levels will be referred to as
“low” or “high”. The actual logic levels are defined under
“ICL7104 Electrical Specification”. For minimum power con-
sumption, all inputs should swing from GND (low) to V+
(high). Inputs driven from TTL gates should have 3 - 5k
Ω
pullup resistors added for maximum noise immunity.
MODE Input
The MODE input is used to control the output mode of the
converter. When the MODE pin is connected to GND or left
open (this input is provided with a pulldown resistor to
ensure a low level when the pin is left open), the converter is
in its “Direct” output mode, where the output data is directly
accessible under the control of the chip and byte enable
inputs. When the MODE input is pulsed high, the converter
enters the UART handshake mode and outputs the data in
three bytes for the 7104-16 or two bytes for the 7104-14 then
returns to “direct” mode. When the MODE input is left high,
the converter will output data in the handshake mode at the
end of every conversion cycle. (See section entitled “Hand-
shake Mode” for further details).
STATUS Output
During a conversion cycle, the STATUS output goes high at
the beginning of Input Integrate (Phase II), and goes low
one-half clock period after new data from the conversion has
been stored in the output latches. See Figure 8 for details of
this timing. This signal may be used as a “data valid” flag
(data never changes while STATUS is low) to drive inter-
rupts, or for monitoring the status of the converter.
TABLE 5. THREE-STATE BYTE FORMATS AND ENABLE PINS
CE/LD
HBEN
MBEN
LBEN
ICL7104-16
POL
O/R
B16
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
HBEN
LBEN
ICL7104-14
POL
O/R
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
FIGURE 9. DIGITAL SECTION
HBEN
MBEN
LBEN
CE/LD
OSCILLATOR
27
SEND
21
MODE
25
CLOCK
23
CLOCK
24
2
STATUS
26
R/H
(2)
(3)
AND CLOCK
CIRCUITRY
18/16 THREE-STATE OUTPUTS
18/16 LATCHES
18/16 BIT COUNTER
LATCH
CLOCK
HANDSHAKE
LOGIC
(-16 ONLY)
CONVERSION
CONTROL
LOGIC
INITIAL
CLEAR
CLOCK
(1)
COMP OUT
AZ
INT
DEINT(+)
DEINT(-)
TO
ANALOG
SECTION
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com