Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 20 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 20 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation LCL8052ACPD Datasheet HTML 14Page - Intersil Corporation LCL8052ACPD Datasheet HTML 15Page - Intersil Corporation LCL8052ACPD Datasheet HTML 16Page - Intersil Corporation LCL8052ACPD Datasheet HTML 17Page - Intersil Corporation LCL8052ACPD Datasheet HTML 18Page - Intersil Corporation LCL8052ACPD Datasheet HTML 19Page - Intersil Corporation LCL8052ACPD Datasheet HTML 20Page - Intersil Corporation LCL8052ACPD Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
5-25
Power Supply Sequencing
Because of the nature of the CMOS process used to
fabricate the ICL7104, and the multiple power supplies
used, there are certain conditions of these supplies under
which a disabling and potentially damaging SCR action can
occur. All of these conditions involve the V+ supply (Norm
+5V) being more positive than the V++ supply. If there is
any possibility of this occurring during start-up, shut down,
under transient conditions during operation, or when insert-
ing a PC board into a “hot” socket, etc., a diode should be
placed between V+ and V++ to prevent it. A germanium or
Schottky rectifier diode would be best, but in most cases a
silicon rectifier is adequate.
Analog and Digital Grounds
Extreme care must be taken to avoid ground loops in the
layout of ICL8068 or ICL8052/7104 circuits, especially in
16-bit and high sensitivity circuits. It is most important that
return currents from digital loads are not fed into the analog
ground line. A recommended connection sequence for the
ground lines is shown in Figure 16.
Application Notes
Some application notes that may be found useful are listed
here:
NOTE #
DESCRIPTION
AnswerFAX
DOC. #
AN016
“Selecting A/D Converters”, by Dave
Fullagar
9016
AN017
“The Integrating A/D Converter”, by Lee
Evans
9017
AN018
“Do’s and Don’ts of Applying A/D
Converters,” by Peter Bradshaw and Skip
Osgood
9018
AN030
“Building a Battery-Operated Auto
Ranging DVM with the ICL7106”
9030
FIGURE 16. GROUNDING SEQUENCE
DEVICE PIN
DIG GND
ICL7104
PIN 2
DIGITAL
LOGIC
VIN
I/P
+
-
FILTER
CAP
8068 PIN 2
COMP
PIN 35
ICL7104
AN GND
CAZ
VREF
BUFF
-IN
(IF USED)
REF
VOLTAGE
BUFF
OUT
EXTERNAL
REFERENCE
(IF USED)
PIN 35
ICL7104
AN GND
+15V
-15V
+5V SUPPLY BYPASS CAPACITOR(S)
SUPPLY
RETURN
BOARD
EDGE
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com