Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCL8052ACPD Datasheet(PDF) 9 Page - Intersil Corporation

Part # LCL8052ACPD
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL8052ACPD Datasheet(HTML) 9 Page - Intersil Corporation

Back Button LCL8052ACPD Datasheet HTML 5Page - Intersil Corporation LCL8052ACPD Datasheet HTML 6Page - Intersil Corporation LCL8052ACPD Datasheet HTML 7Page - Intersil Corporation LCL8052ACPD Datasheet HTML 8Page - Intersil Corporation LCL8052ACPD Datasheet HTML 9Page - Intersil Corporation LCL8052ACPD Datasheet HTML 10Page - Intersil Corporation LCL8052ACPD Datasheet HTML 11Page - Intersil Corporation LCL8052ACPD Datasheet HTML 12Page - Intersil Corporation LCL8052ACPD Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
5-14
FIGURE 2. FULL 18-BIT THREE-STATE OUTPUT
CE/LD HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104 -16
OR CHIP SELECT 2
CHIP SELECT 1
CONVERT
CONTROL
18
≥18
FIGURE 3. VARIOUS COMBINATIONS OF BYTE DISABLES
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
2
CONTROL
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
CONTROL
CE/LD
HBEN MBEN LBEN
R/H
OR
POL
MSB
LSB
MODE
8052A/
8068A
7104
CONVERT
CONTROL
8
8
2
16
10
8
FIGURE 4. DIRECT MODE TIMING DIAGRAM
DATA
VALID
DATA
VALID
DATA
VALID
DATA
VALID
DATA
VALID
CE/LD
AS INPUT
HBEN
AS INPUT
MBEN
AS INPUT
LBEN
AS INPUT
HIGH BYTE
DATA
BYTE
ENABLE
LOW BYTE
ENABLE
MIDDLE
tBEA
tDAB
tDHB
tDAC
tDHC
tCEA
= HIGH IMPEDANCE
ICL8052/ICL7104, ICL8068/ICL7104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com