Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIBE20GPBF. Datasheet(PDF) 1 Page - International Rectifier

Part # IRFIBE20GPBF.
Description  Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIBE20GPBF. Datasheet(HTML) 1 Page - International Rectifier

  IRFIBE20GPBF. Datasheet HTML 1Page - International Rectifier IRFIBE20GPBF. Datasheet HTML 2Page - International Rectifier IRFIBE20GPBF. Datasheet HTML 3Page - International Rectifier IRFIBE20GPBF. Datasheet HTML 4Page - International Rectifier IRFIBE20GPBF. Datasheet HTML 5Page - International Rectifier IRFIBE20GPBF. Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFIBE20GPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFIBE20GPBF IRF-IRFIBE20GPBF Datasheet
988Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFIBE20GPBF VISHAY-IRFIBE20GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
IRFIBE20GPBF VISHAY-IRFIBE20GPBF Datasheet
915Kb / 10P
Power MOSFET
11-Oct-2021
More results

Similar Description - IRFIBE20GPBF.

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFPE40 IRF-IRFPE40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
IRFPE50 IRF-IRFPE50 Datasheet
174Kb / 6P
Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
IRFR1N60A IRF-IRFR1N60A Datasheet
227Kb / 9P
Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com