Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 3Page - STMicroelectronics AN3410 Datasheet HTML 4Page - STMicroelectronics AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AN3410
Circuit description
Doc ID 018890 Rev 1
7/28
the peak from this divider on C6. (Normally this voltage is used internally by the L6564 to
adjust its multiplier gain to accommodate a wide line voltage range.)
Obtaining the line current (the controlled variable)
The vast majority of input current flows through R22, the sense resistor for the PFC-flyback
converter. The average of the current in R22 and the average of the line voltage (minus the
LED voltage) will be used in the power calculation.
Calculating the average power
Scaling and addition of voltage and current is done by R17 and R14. The AC noise present
at their junction is removed by C12 - the DC voltage on C12 now represents the input power
as calculated by the linear approximation. This voltage will be regulated by the slow PFC
feedback loop.
Op amp U2 is wired as a non-inverting amplifier. The feedback loop requires only one
inversion, supplied by the op amp in U1.
U2 performs three different functions:
–
Derives a reference voltage from U1.
–
Provides gain for the relatively low voltage on C12.
–
Provides a point in the circuit to compensate for different LED voltages.
A DC reference voltage is derived from U1’s inverting input. This point will always be at 2.5 V
if the control loop is in steady-state, because there is no DC current path to any other
voltage source. The reference voltage is delivered to U2’s inverting input by divider R18-
R21. The voltage divider R18-R21 also sets the DC gain for U2.
If this circuit acted alone, the input power would be (approximately) regulated to a fixed
value, and the LED current would inversely track the LED voltage.
2.4
Setting the “DC” operating point
The control loop is to set the average current through R22 to deliver slightly more than the
desired LED current when both the line voltage and LED voltage are at design center.
Deviations of line and LED voltage from this point will then cause smaller deviations of LED
current.
The input current required is ILED x VLED / (VLINE x efficiency). The straight-line
approximation (of the constant-power curve) should give equal voltage from the average line
voltage and the average input current.
The value of R22 is determined from the usual calculations (see ST’s excellent application
note AN1059, reference 1).
The average input current (in R22) can now be calculated from the design center line
voltage, output power, and efficiency. At design center line voltage, LED current, and LED
voltage, the average voltage appearing across R17 due to current from R14 must match the
average voltage on R22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com