Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3410 Datasheet HTML 1Page - STMicroelectronics AN3410 Datasheet HTML 2Page - STMicroelectronics AN3410 Datasheet HTML 3Page - STMicroelectronics AN3410 Datasheet HTML 4Page - STMicroelectronics AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN3410
Circuit description
Doc ID 018890 Rev 1
5/28
2
Circuit description
2.1
Power components
C7, L2, and L3 provide filtering for conducted EMI. Bridge rectifier BR1 feeds the step-down
(buck) switching regulator. The regulator appears inverted – the flywheel diode, D1, is
connected to the positive rail instead of the negative. Q2 pulls the inductor input negative,
rather than positive. Inductor L1 filters the PWM voltage into a triangle wave of current. C2
removes the high-frequency ripple and attenuates the 120 Hz component in the LED load.
Note that the buck regulator is not capable of supplying power to the load if the load voltage
is greater than the input voltage. There are “flat spots” in the input current waveform around
the input voltage zero crossings. Power factor remains excellent, even with this distortion.
2.2
Power factor controller operation
Startup
The circuit starts up with a trickle of current into C8 through R7. It takes about ¼ second to
charge C8 to U1’s startup voltage. The trickle current adds to LED current, slightly improving
circuit efficiency.
The startup timer in U1 starts the switching cycle by turning on Q2. Current in Q2 and L1
increases from zero to about 1400 mA at the peaks of the input sinewave. This current
appears on R22 which drops about 1 volt max.
L1’s current continues to flow after Q2 turns off, instead flowing in D1. The current ramps
toward zero, at which time D1 turns off. The FET drain voltage then begins to fall.
Quasi-resonant FET turn-on
L1 and stray capacitance then ring the voltage at D1’s anode down to about twice the LED
voltage below the positive rail. When the ringing voltage turns up, U1 senses the end of L1’s
discharge and turns on Q2 very close to the minimum ringing voltage, starting the next
cycle. Current in L1’s upper winding therefore ramps between zero and twice the load
current.
When Q2 turns on, D1 has already turned off, so Q2 never sees D1’s reverse recovery
current.
Bootstrap power
Housekeeping power is supplied by the auxiliary (lower) winding on L1. The winding is
connected through D4 so that the transformed LED voltage (positive) is applied to C9, which
powers U2, and C8 which powers U1. R2 and C9 form a filter to remove ringing spikes due
to leakage inductance.
The auxiliary (lower) winding on L1 has a turns ratio that puts about 15 V on C9 with the AC
line applied. The voltage on C9 is proportional to the LED voltage. This will limit the number
of series LEDs in the load to a relatively narrow range, set by the acceptable Vcc for U1 and
U2.
The auxiliary winding also provides U1 with timing for the zero-current sensing function,
through R5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com