Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 20Page - STMicroelectronics AN3410 Datasheet HTML 21Page - STMicroelectronics AN3410 Datasheet HTML 22Page - STMicroelectronics AN3410 Datasheet HTML 23Page - STMicroelectronics AN3410 Datasheet HTML 24Page - STMicroelectronics AN3410 Datasheet HTML 25Page - STMicroelectronics AN3410 Datasheet HTML 26Page - STMicroelectronics AN3410 Datasheet HTML 27Page - STMicroelectronics AN3410 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Bill of materials
AN3410
24/28
Doc ID 018890 Rev 1
12
Bill of materials
Table 3.
BOM
Designator
Comment
Description
Footprint
Manufacturer
Vendor
BR1
Bridge 0.8 A
1A DIP bridge
RH0x
Diodes Inc HD06
Digi-Key HD06DICT-ND
C1, C7
220 nF 250 V
Capacitor
BOXSDLWH7.5
-0.6-10.3-6-10.8
Panasonic ECQ-
E2224KB
Digi-Key P10971-ND
C2
470 µF 63 V
Capacitor
CEH16x20 mm
Panasonic EEU-
FC1J471
Digi-Key P10352-ND
C5
0.1 µF
Capacitor
0805
0805 X7R
C6
1.0 µF
Capacitor
0805
Murata
GRM21BR71C105M
A01L
Digi-Key 490-1692-1-
ND
C8, C9,
C12
22 µF 25 V
Capacitor
CEV5MMP
Panasonic EEA-
FC1E220
Digi-Key FC series
P11213-ND
C11
2.2 µF
Capacitor
0805
0805 Z5V
C13
2.2 nF
Capacitor
0805
0805 X7R
D1
STTH1R04A
Diode
SMA
ST STTH1R04A
D4, D8,
D10
MMSD4148
Diode
SOD-123
Fairchild MMSD4148
Digi-Key MMSD4148-
ND
F1
1 A
Fuse
RES0.5
Littelfuse
0251001.MXL
Digi-Key F2313-ND
L1
Cramer E35882
inductor
Shulin EF-20
bobbin
Cramer E35882
Inductor
L2, L3
1 mHy 0.5 A
Inductor
INDUC9MMVE
RT
Wurth 744 772 102
Q2
STD5NM50
FET N-CHAN
D-PAK
ST STD5NM50
R1, R7
47 k
Ω
Resistor
1206
1206 5%
R2
47
Ω
Resistor
0805
0805 5%
R3, R6,
R15
220 k
Ω
Resistor
1206
1206 5%
R5
47 k
Ω
Resistor
0805
0805 5%
R8, R9
10 k
Ω
Resistor
1206
0805 5%
R11
150 k
Ω 1%
Resistor
0805
0805 1%
R12
453 k
Ω 1%
Resistor
0805
0805 1%
R13
0
Ω jumper
Resistor
0805
0805 000
R14
681 k
Ω 1%
Resistor
0805
0805 1%
R16
200
Ω
Resistor
0805
0805 5%
R17
20.0 k
Ω 1%
Resistor
0805
0805 1%
R18
25.2 k
Ω 1%
Resistor
0805
0805 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com