Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics AN3410 Datasheet HTML 13Page - STMicroelectronics AN3410 Datasheet HTML 14Page - STMicroelectronics AN3410 Datasheet HTML 15Page - STMicroelectronics AN3410 Datasheet HTML 16Page - STMicroelectronics AN3410 Datasheet HTML 17Page - STMicroelectronics AN3410 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Performance with LED loads
AN3410
14/28
Doc ID 018890 Rev 1
4
Performance with LED loads
The unit was designed to source 350 mA into a string of 18 1 W LEDs. The project goal was
to obtain the highest possible efficiency.
Table 1.
Numeric data for 18-LED load
Line voltage
90 V
96 V
102 V
108 V
114 V
120 V
126 V
132 V
138 V
Input power, watts
20.5
20.77
20.82
20.61
20.51
20.46
20.31
19.95
19.48
Power factor
0.973
0.978
0.982
0.985
0.987
0.988
0.990
0.991
0.991
Output voltage
54.8
54.8
54.7
54.7
54.6
54.6
54.5
54.4
54.3
Output current, amps
0.348
0.353
0.355
0.352
0.351
0.35
0.348
0.342
0.334
Output power, watts
19.070
19.344
19.418
19.254
19.164
19.110
18.966
18.604
18.136
Efficiency%
93.03
93.14
93.27
93.42
93.44
93.40
93.38
93.26
93.10
Power loss, watts
1.429
1.425
1.401
1.355
1.345
1.350
1.344
1.345
1.343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com