Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics AN3410 Datasheet HTML 13Page - STMicroelectronics AN3410 Datasheet HTML 14Page - STMicroelectronics AN3410 Datasheet HTML 15Page - STMicroelectronics AN3410 Datasheet HTML 16Page - STMicroelectronics AN3410 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN3410
Control loop dynamics
Doc ID 018890 Rev 1
13/28
3
Control loop dynamics
The control loop is intentionally very slow, much slower than a normal PFC loop. The reason
is that the eye perceives abrupt changes of light intensity as flashes.
The eye has an intensity control loop of its own, which adjusts the light falling on the retina
by controlling the iris opening. The loop bandwidth is about ¼ Hz. If light level changes
occur slower than this, they are not perceived as flashes. the iris can keep up with the
change.
The LED driver control loop is set up as a continuous -20 dB/decade / 90 degrees lag
system, which gives a response to perturbations having no overshoot.
The current control loop breakpoints are:
A pole at zero frequency
A pole at 0.35 Hz (R17-C12)
A zero at 0.35 Hz (R25-C11)
A third pole at high frequency due to noise filter C5 (gain is well below unity at this corner -
the pole is inconsequential).
The pole due to R17 and C12 is essential to the system – switching ripple and the 120 Hz
envelope must be filtered. The R25-C11 zero cancels this pole, keeping the gain slope at -
20 dB/decade.
There are two problems that affect the control loop:
There is a second path in the system that gives positive feedback, the
compensation for LED voltage. Fortunately, the voltage loop gain is low due to the
low dynamic resistance of the LEDs, typically 1 Ohm per LED. Changes in the
input power can only cause very small changes in the LED voltage.
The R18-R21 voltage divider, necessary for the DC control scheme, gives
considerable unnecessary loop gain.
Note that R23 provides a very handy single-point gain adjustment. Increasing its value
reduces the gain of the entire loop. This is a good point for stability testing - it should be
possible to reduce the value of R23 by a factor of 2 to 4 (6-12dB) before sustained (slow!)
oscillation results.
Control loop transient response can be observed at startup (see Figure 16). The LED
current rises rapidly (a nice transient), and the control loop takes over very smoothly. The
LED current should not overshoot, and it should settle to its final level within 2 or 3 seconds.
Either excessive gain (overshoot) or unmatched time constants for the breakpoint networks
R17-C12 and R25-C11 (lumps or dips in the startup waveforms) can cause strange
behavior during startup.
Excessive gain can result in ringing or sustained oscillation - both are quite annoying.
Mismatched breakpoints can result in a dip or rise of output current about 1.5 seconds after
the unit starts. The result is not too annoying, but it should be corrected - customers demand
smooth operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com