Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 13Page - STMicroelectronics AN3410 Datasheet HTML 14Page - STMicroelectronics AN3410 Datasheet HTML 15Page - STMicroelectronics AN3410 Datasheet HTML 16Page - STMicroelectronics AN3410 Datasheet HTML 17Page - STMicroelectronics AN3410 Datasheet HTML 18Page - STMicroelectronics AN3410 Datasheet HTML 19Page - STMicroelectronics AN3410 Datasheet HTML 20Page - STMicroelectronics AN3410 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN3410
Waveforms
Doc ID 018890 Rev 1
17/28
6
Waveforms
Trace colors:
–
Yellow = line voltage, 50 V/div ref 0
–
Magenta = line current, 100 mA/div ref 0
–
Blue = LED voltage, 10 V/div ref -3 div
–
Green = LED current, 100 mA/div ref -3 div
Note that the flat spot near the zero crossing becomes longer as the load voltage becomes
a larger percentage of the line voltage (low line is worst). This will place an upper limit on the
LED output voltage as waveform distortion reduces power factor. The design can be pushed
to higher numbers of LEDs, up to the point where power factor or THD become limiting
factors.
Figure 12.
Waveforms at 96 V line
Figure 13.
Waveforms at 108 V line
Figure 14.
Waveforms at 120 V line
Figure 15.
Waveforms at 132 V line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com