Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3410 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3410
Description  This application note describes an LED driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3410 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3410 Datasheet HTML 5Page - STMicroelectronics AN3410 Datasheet HTML 6Page - STMicroelectronics AN3410 Datasheet HTML 7Page - STMicroelectronics AN3410 Datasheet HTML 8Page - STMicroelectronics AN3410 Datasheet HTML 9Page - STMicroelectronics AN3410 Datasheet HTML 10Page - STMicroelectronics AN3410 Datasheet HTML 11Page - STMicroelectronics AN3410 Datasheet HTML 12Page - STMicroelectronics AN3410 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN3410
Circuit description
Doc ID 018890 Rev 1
9/28
Figure 7.
Error for 3 levels of load power
Note that the curves coincide at the nominal line voltage, where LED voltage compensation
is perfect. Also, for nominal LED voltage, line voltage compensation is at its best, +/-1.5%.
Over the entire range of line voltage (120 V +10%,-20%) and LED (+/-10%) voltage, the
variation of LED current is less than 4.5% (+1.5%, -3%).
2.5
Designing the “DC” control loop
Finding values for the resistors in this loop is surprisingly easy.
(For this procedure, diode drops will be ignored for simplicity.)
Let us assume that the average LED current is to be 350 mA, and a string of 18 LEDs drops
about 54.6 V. Output power is 18 watts. Input power will be assumed to be 20 W (90%
efficiency, actually conservative).
Assume the input current and voltage waveforms are sine waves (power factor is high, so
this is a good assumption).
The converter output current waveform is a triangle wave with an (assumed) rectified
sinusoidal upper envelope, and a lower envelope at zero. The short-term average of the
triangle wave is half its height. The rectified sinusoid has an average current of 63% of its
peak current.
At the peak of the input voltage, the peak current delivered to the LEDs is therefore.
Equation 1
We will allow some margin for the relatively slow fall time of the drain voltage due to the zero
current detection, so the peak current will be slightly higher. We will design the inductor for
1.4 A peak current in the main winding. The L6564 control chip has an upper voltage limit on
its current sense input of 1.08 V for linear operation. So the maximum value of R22 is
Equation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com