Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 2Page - STMicroelectronics AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Temperature coefficient error
AN4369
6/14
DocID025335 Rev 1
Figure 3: Gain error due to different temperature coefficients between external and internal
resistances
Figure 3 shows that the gain is higher at high temperatures and lower at low temperatures.
It is important to make sure Rsi are as low as possible to limit the error on the gain.
Consequently, it is better to choose a TSC product which has the closest gain for the
objective required. For example, do not use a 100 V/V product, if you want to obtain a gain
of 22 V/V. In this case, choose a product with a gain of 25 V/V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com