Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 4 Page - STMicroelectronics

  AN4369 Datasheet HTML 1Page - STMicroelectronics AN4369 Datasheet HTML 2Page - STMicroelectronics AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Performance with input series resistors
AN4369
4/14
DocID025335 Rev 1
2
Performance with input series resistors
In some applications, the gain of the current sensing has to be different from the one
available with our IC (20 V/V, 25 V/V, 50 V/V, or 100 V/V). This gain can be fine-tuned by
adding external serial resistances Rs1 and Rs2 (see Figure 2). Note that adding external
components modifies the R3/R1 ratio and introduces gain error.
Figure 2: Principle schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com