Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4369 Datasheet HTML 1Page - STMicroelectronics AN4369 Datasheet HTML 2Page - STMicroelectronics AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN4369
Temperature coefficient error
DocID025335 Rev 1
5/14
3
Temperature coefficient error
When series resistors Rs1 and Rs2 (Rsi) are inserted into the application, the output
voltage equation (see Section 2: "Internal resistances") is changed. It becomes critical to
determine the impact of these resistors on accuracy. The tempe
rature coefficient, TCβ, is
different from the temperature coefficient of the internal resistance, TCα, because the
external resistors are likely made of different material to the internal ones. In this case, the
gain is expressed as follows:
And so, due to the different temperature coefficients, gain error (%) is represented by:
Example (see also Figure 3):
R1 = 5 kΩ
R3 = 100 kΩ
TCα = 0.7 %/°C (typical value considered for TSC series)
TCβ = 100 ppm/°C
R3
R1
100 ∗



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com