Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4369 Datasheet HTML 1Page - STMicroelectronics AN4369 Datasheet HTML 2Page - STMicroelectronics AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2013
DocID025335 Rev 1
1/14
www.st.com
AN4369
Application note
Adjustable gain with a current sensing
Nicolas Aupetit
Introduction
This application note explains how to use current sensing amplifiers with series resistors on the sense
inputs. This approach is especially useful for applications where the gain must be adjusted.
When the current sensing amplifier is powered from a single-supply, Vcc = 5 V, it can amplify differential
input signals at a common-mode voltage well beyond the power supply rail. This common-mode
voltage, in a current-sense amplifier such as the TSC101, can rise to 28 V and can rise even higher in
the TSC103. The device amplifies small voltages across a shunt resistor on the high-voltage rail and
feeds it to a low-voltage ADC generally embedded in a microcontroller. The output voltage is
proportional to the voltage drop measured on the sense resistor.
The current sensing of the TSC series has a dedicated fixed gain that can be 20 V/V, 25 V/V, 50 V/V, or
100 V/V. The gain is given by the ratio R3/R1.
Figure 1 illustrates a typical application schematic.
Figure 1: Typical application schematic


Similar Part No. - AN4369

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN436 STMICROELECTRONICS-AN436 Datasheet
71Kb / 9P
TRIAC CONTROL BY PULSE TRANSFORMER
23-Apr-2004
AN4363 STMICROELECTRONICS-AN4363 Datasheet
343Kb / 20P
This document gives basic guidelines to select the AC switch device according
23-Jan-2014
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
Using STM32F4 MCU power modes with best dynamic efficiency
12-May-2014
AN4366 STMICROELECTRONICS-AN4366 Datasheet
292Kb / 14P
Compensate the input offset of a high-side current sensing
05-Feb-2014
AN4367 STMICROELECTRONICS-AN4367 Datasheet
379Kb / 13P
This document provides overview
02-Oct-2013
More results

Similar Description - AN4369

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6138A2PWR TI1-TPA6138A2PWR Datasheet
588Kb / 18P
DirectPath??Headphone Driver With Adjustable Gain
DRV632 TI1-DRV632 Datasheet
855Kb / 23P
Audio Line Driver With Adjustable Gain
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
Variable Gain with Adjustable Bias
MAAM-010651 MA-COM-MAAM-010651 Datasheet
689Kb / 6P
Variable Gain with Adjustable Bias
logo
Texas Instruments
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
DirectPath Headphone Driver With Adjustable Gain
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Vishay Siliconix
SIC840 VISHAY-SIC840 Datasheet
155Kb / 5P
100 A VRPower® , Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC832 VISHAY-SIC832 Datasheet
158Kb / 5P
70 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC830 VISHAY-SIC830 Datasheet
158Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
SIC820 VISHAY-SIC820 Datasheet
156Kb / 5P
80 A VRPower®, Smart Power Stage With Current Sensing and Temperature Monitor
14-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com