Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 3Page - STMicroelectronics AN4369 Datasheet HTML 4Page - STMicroelectronics AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AN4369
Gain error between two TSC products from
different batches
DocID025335 Rev 1
7/14
4
Gain error between two TSC products from different
batches
Even if the internal resistances are
well matched and with a value around 5 kΩ, the gain
may vary from one TSC product to another by as much as ±20 %. This is due to process
variation as shown in the equation below:
Where:
εα is the precision of internal resistances up to ±20 %
εβ is the precision of the external resistances
So,
Consequently, the error on the gain (%) is represented by:
Table 1 gives an example at 25 °C.
Table 1: Gain error vs. series resistor Rs1
Rs1
(Ω)
Theoretical
gain
Gain con
sidering process variation (εα = 20 %) and
Rs1 (εβ = -1 %)
Gain error
(%)
50
19.80
19.84
0.21
100
19.60
19.68
0.41
200
19.23
19.38
0.80
500
18.18
18.52
1.87
1000
16.67
17.25
3.38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com