Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics AN4369 Datasheet HTML 12Page - STMicroelectronics AN4369 Datasheet HTML 13Page - STMicroelectronics AN4369 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Overal error
AN4369
10/14
DocID025335 Rev 1
6
Overal error
This application note summarizes the error terms on the gain and Vout by adding serial
resistors on the Vn and Vp pins. It does not take into account the output voltage accuracy
described in the TSC datasheets because this parameter is always applicable (with or
without serial resistances on the inputs).
The following example (for the TSC103) considers the overall error i.e. all error due to
process variation and the temperature coefficient. The mismatch for Vsense = 50 mV.
Vsense = 50 mV
Internal gain (G) = 20 but, with the addition of Rsi, G = 500 Ω and theoretical gain is =
18.18 V/V)
Temperature = 125 °C
Process variation = 20 %
Rsi precision = ±1 %
Temperature coefficient of internal resistance = 0.7 %/°C
Temperature coefficient of external resistance = 100 ppm/°C
The gain error due to the temperature coefficient is:
So, εTC = 6.27 %
The gain error due to process variation is:
So, εPV = 1.87 %
The total gain error is:
So,
εG = 8.14 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com