Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4369 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4369
Description  Adjustable gain with a current sensing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4369 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4369 Datasheet HTML 5Page - STMicroelectronics AN4369 Datasheet HTML 6Page - STMicroelectronics AN4369 Datasheet HTML 7Page - STMicroelectronics AN4369 Datasheet HTML 8Page - STMicroelectronics AN4369 Datasheet HTML 9Page - STMicroelectronics AN4369 Datasheet HTML 10Page - STMicroelectronics AN4369 Datasheet HTML 11Page - STMicroelectronics AN4369 Datasheet HTML 12Page - STMicroelectronics AN4369 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN4369
Impact of the Rs1 and Rs2 mismatch
DocID025335 Rev 1
9/14
5
Impact of the Rs1 and Rs2 mismatch
When adding the external resistances Rsi, it is necessary to fine-tune the gain. This is
because the input bias current is the same on pin+ and pin- and it is extremely important to
have the same resistances connected to the Vn and Vp pins so as to avoid creating a big
equivalent input offset voltage. However, due to the precision of the external resistors this
equivalent offset exists as shown in the equation below:
So,
Where: εβ is the precision of the added serial resistances Rsi.
Example:
R1 = R2 = 5 kΩ
R3 = 100 kΩ
Iib = 15 µA
In the following table, the gain of the TSC product is 20 V/V, 50 V/V, or 100 V/V. It has
been fine-tuned thanks to the Rsi resistances (whose precision is 1 %). The calculus of the
Vout offset has taken into account a process variation of 20 % on the internal resistors
which possibly contribute to a higher gain.
Table 2: Vout offset at different gain vs. series resistances Rsi
Rs1+2
(Ω)
Rs1
(Ω)
Rs2
(Ω)
Equivalent
Vio (V)
Vout offset (V)
with G = 20
Vout offset (V)
with G = 50
Vout offset (V)
with G = 100
50
50.5
0
7.58E-04
1.50E-02
3.76E-02
7.51E-02
49.5
1.50E-05
2.97E-04
7.44E-04
1.49E-03
100
101
0
1.52E-03
2.98E-02
7.45E-02
1.49E-01
99
3.00E-05
5.90E-04
1.48E-03
2.95E-03
200
202
0
3.03E-03
5.86E-02
1.47E-01
2.93E-01
198
6.00E-05
1.16E-03
2.90E-03
5.80E-03
500
505
0
7.58E-03
1.40E-01
3.49E-01
6.99E-01
495
1.50E-04
2.77E-03
6.92E-03
1.38E-02
1000
1010
0
1.52E-02
2.59E-01
6.48E-01
1.30E+00
990
3.00E-04
5.14E-03
1.28E-02
2.57E-02
To this equivalent Vio, the Vio of the TSC itself should be added. Error in gain and
temperature seen in previous parts of this document should also be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com