Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 3Page - STMicroelectronics AN2388 Datasheet HTML 4Page - STMicroelectronics AN2388 Datasheet HTML 5Page - STMicroelectronics AN2388 Datasheet HTML 6Page - STMicroelectronics AN2388 Datasheet HTML 7Page - STMicroelectronics AN2388 Datasheet HTML 8Page - STMicroelectronics AN2388 Datasheet HTML 9Page - STMicroelectronics AN2388 Datasheet HTML 10Page - STMicroelectronics AN2388 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
AN2388
Background
7/54
circuited, but are terminated to a set of slip rings. These are helpful in adding external
resistors and contactors.
In fact, it is possible to demonstrate that the slip frequency producing the maximum torque
(pull-out torque) is directly proportional to the rotor resistance. In wound-rotor motors, the
real rotor resistance can be increased by connecting external resistors through the slip
rings. This possibility allows for higher slip and hence, the pull-out torque at lower speed. A
particularly high resistance can deliver a high pull-out torque starting from zero speed. As
the motor accelerates, the value of the resistance can be reduced so that the motor
characteristic can follow the load requirement at different speeds. Once the motor reaches
the nominal speed, external resistors are removed from the motor coming back to work as
the standard induction motor.
This motor type (when external resistors are connected with the rotor) is ideal for very high
inertia loads, where it is necessary to generate the pull-out torque at almost zero speed and
accelerate to full speed in the minimum time with minimum current consumption.
The typical speed-torque characteristic of an induction motor is shown in Figure 3
Figure 3.
Speed-torque characteristic
The X axis shows speed and slip. The Y axis shows the torque. During start-up the motor
needs seven times the rated current and this depends on the interaction between stator and
rotor flux, the losses in the stator and rotor windings and losses in the bearing due to friction.
This over-current produces the torque necessary to spin the motor from zero speed.
During start-up, the motor is able to delivers 1.5 times the rated torque. This torque is called
locked rotor torque (LRT). Once the speed increases, the current that flows in the motor
reduces slightly. When the motor runs at approximately 80% of the synchronous speed, the
load can increase up to 2.5 times the rated torque. Any further growth in term of load could
take the motor to a stall condition.
As seen in the speed-torque characteristics, torque is highly nonlinear as the speed varies.
In all applications where it is necessary to regulate the speed a control strategy must be
used which is able to vary the frequency. One of the best known strategies is the simple
open loop method called Variable Voltage Variable Frequency or simply V/f method. This
method doesn’t allow management of the quantities in terms of phase but modifies only the
magnitude of the stator flux.
Pull-out Torque
Flux decreases
Stable zone
Flux = rated
Rotor speed
Unstable points
T, rated
1.5
1.0
Slip Speed
Nb
Ns
Locked Rotor Torque (LRT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com