Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2388 Datasheet HTML 1Page - STMicroelectronics AN2388 Datasheet HTML 2Page - STMicroelectronics AN2388 Datasheet HTML 3Page - STMicroelectronics AN2388 Datasheet HTML 4Page - STMicroelectronics AN2388 Datasheet HTML 5Page - STMicroelectronics AN2388 Datasheet HTML 6Page - STMicroelectronics AN2388 Datasheet HTML 7Page - STMicroelectronics AN2388 Datasheet HTML 8Page - STMicroelectronics AN2388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
AN2388
Background
5/54
Figure 1.
Stator core and windings
1.1.2
Rotor
The rotor is made up of several thin steel laminations with spaced bars, which are made up
of aluminum or copper, along the periphery. In the most popular type of rotor (squirrel cage
rotor), these bars are connected mechanically at the ends and electrically by the use of
rings. The rotor consists of a cylindrical laminated core with an axially placed parallel slot for
carrying the conductors. Each slot carries a copper, aluminum or alloy bar. These rotor bars
are permanently short-circuited at both ends by means of the end rings. The rotor slots are
not exactly parallel to the shaft in order to decrease magnetic hum and slot harmonics.
Moreover this reduces the locking tendency of the rotor. In fact, the rotor teeth tend to
remain locked under the stator teeth due to direct magnetic attraction between the two. This
happens when the number of stator teeth are equal to the number of rotor teeth.
The rotor is mounted on the shaft using bearings on each end. One end of the shaft is
usually kept longer than the other for driving the load. Some motors may have
position/speed sensing devices. Between the stator and the rotor exists an air-gap, through
which, due to induction, the energy is transferred from the stator to the rotor like a
transformer. The generated torque forces the rotor and then the load to rotate.
The magnetic field created in the stator rotates at a synchronous speed (Ns).
The magnetic field produced in the rotor is alternating in nature because of the induced
voltage. The frequency of the induced EMF is the same as the supply frequency. Its
magnitude is proportional to the relative velocity between synchronous speed (stator
frequency) and rotor speed. Since the rotor bars are shorted at the ends, the EMF induced
produces a current in the rotor conductors.
When the magnetic field is generated the rotor starts to run in the same direction trying to
reach the same speed. The rotor revolves slower than the speed of the stator field. This
difference is called slip (s). The slip varies with the load so that an increasing of the load
where:
Ns = synchronous speed in RPM
pp = the number of pole pairs
f
= the supply frequency in Hertz
p
s
p
f
N
×
= 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com