Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 37Page - STMicroelectronics AN2388 Datasheet HTML 38Page - STMicroelectronics AN2388 Datasheet HTML 39Page - STMicroelectronics AN2388 Datasheet HTML 40Page - STMicroelectronics AN2388 Datasheet HTML 41Page - STMicroelectronics AN2388 Datasheet HTML 42Page - STMicroelectronics AN2388 Datasheet HTML 43Page - STMicroelectronics AN2388 Datasheet HTML 44Page - STMicroelectronics AN2388 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
AN2388
Software design
41/54
Figure 35.
Core timer T3 in incremental interface mode
Figure 36.
T3CON register configuration for incremental encoder reading
T3OUT
P3.3
T3OE
T3IR
T3OTL
T3
Up/Down
MUX
XOR
T3UD
Phase detect
T3EUD
P3.4
T3IN
P3.6
Edge detect
T3R
Bit
Function
T3I
Timer 3 Input Selection Depends on the operating mode, see respective sections.
T3M
Timer 3 Mode Control (Basic Operating Mode)
0 0 0 : Timer Mode
0 0 1 : Counter Mode
0 1 0 : Gated Timer with Gate active low
0 1 1 : Gated Timer with Gate active high
1 0 X : Reserved. Do not use this combination
1 1 0 : Incremental Interface mode
1 1 1 : Reserved. Do not use this combination
T3R
Timer 3 Run Bit
T3R = ‘0’: Timer / Counter 3 stops
T3R = ‘1’: Timer / Counter 3 runs
T3UD
Timer 3 Up / Down Control *
T3UDE
Timer 3 External Up/Down Enable *
T3OE
Alternate Output Function Enable
T3OE = ‘0’: Alternate Output Function Disabled
T3OE = ‘1’: Alternate Output Function Enabled
T3OTL
Timer 3 Output Toggle Latch
Toggles on each overflow / underflow of T3. Can be set or reset by software.
15
14
13
12
11
10
9
8
7
6
5
43210
-
-
-
-
-
T3OTL T3OE T3UDE T3UD
T3R
T3M
T3I
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
T3CON (FF42h/A1h)
SFR
Reset Value: 0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com