Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2388 Datasheet HTML 1Page - STMicroelectronics AN2388 Datasheet HTML 2Page - STMicroelectronics AN2388 Datasheet HTML 3Page - STMicroelectronics AN2388 Datasheet HTML 4Page - STMicroelectronics AN2388 Datasheet HTML 5Page - STMicroelectronics AN2388 Datasheet HTML 6Page - STMicroelectronics AN2388 Datasheet HTML 7Page - STMicroelectronics AN2388 Datasheet HTML 8Page - STMicroelectronics AN2388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Background
AN2388
4/54
1
Background
1.1
AC induction motor
The AC induction motor is a rotating electric machine designed to operate from a 3-phase
source of alternating voltage. Asynchronous motors are based on induction. The cheapest
and most widely used is the squirrel cage motor in which aluminum conductors or bars are
cast into slots in the outer periphery of the rotor. These conductors or bars are shorted
together at both ends of the rotor by cast aluminum end rings. For variable speed drives, the
source is normally an inverter that uses power switches to produce approximately sinusoidal
voltages and currents controllable in terms of frequency and magnitude.
Like most motors, an AC induction motor has a fixed outer portion, called the stator and a
rotor that spins inside with a well-optimized air gap between the two.
Virtually all electrical motors use magnetic field rotation to spin their rotors. A three-phase
AC induction motor is the only type where the rotating magnetic field is generated naturally
in the stator because of the nature of the supply.
In an AC induction motor, one set of electromagnets is formed in the stator because the AC
supply is connected to the stator windings. The alternating nature of the supply voltage
induces an Electromagnetic Force (EMF) in the rotor (just like the voltage is induced in the
secondary transformer) as per Lenz’s law, thus generating another set of electromagnets;
hence the name “induction motors”.
Interaction between the magnetic field of these electromagnets generates a revolving force,
or torque. As a result, the motor rotates in the direction of the resultant torque.
1.1.1
Stator
The stator is made up of several thin laminations of aluminum or cast iron. They are
punched and clamped together to form a hollow cylinder (stator core) with slots as shown in
Figure 1. Coils of insulated wires are inserted into these slots. Each grouping of coils,
together with the core it surrounds, forms an electromagnet (a polar pair) on the application
of AC supply.
The number of poles of an AC induction motor depends on the internal connection of the
stator windings. Internally they are connected in such a way, that when an AC supply is
applied, a rotating magnetic field is created.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com