Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 18Page - STMicroelectronics AN2388 Datasheet HTML 19Page - STMicroelectronics AN2388 Datasheet HTML 20Page - STMicroelectronics AN2388 Datasheet HTML 21Page - STMicroelectronics AN2388 Datasheet HTML 22Page - STMicroelectronics AN2388 Datasheet HTML 23Page - STMicroelectronics AN2388 Datasheet HTML 24Page - STMicroelectronics AN2388 Datasheet HTML 25Page - STMicroelectronics AN2388 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Hardware design
AN2388
22/54
3
Hardware design
3.1
System configuration
The application is designed to drive the 3-phase AC motor. It consists of:
●
MDK-ST10 Control Board
●
3-phase AC/BLDC High Voltage Power Stage
●
Gate driver Stage
●
Current Sensing Board
●
3-phase AC Induction motor
3.2
MDK-ST10 control board
The MDK-ST10 control board is used to demonstrate the capabilities of the ST10F276
microcontroller and to provide a hardware tool allowing applications development.
ST10F276 is a 16-bit MCU with MAC unit (DSP features), 832 Kbytes of flash memory and
68 Kbytes of RAM. Its main characteristics are: 64MHz CPU, 31.25ns instruction cycle,
multiply/accumulate unit (MAC) with 40-bit accumulator 8 PWM channels, 24 A/D converter
channels (10-bit 3µsec of conversion time), CAP/COM peripherals with 16-bit timer
(100nsec of maximum resolution, 111 GPI/O, I2C, SCI, 2 CAN peripherals. The architecture
of the micro is shown in Figure 18. Please refer to ST10F276 datasheet or user manual for
more details.
The MDK-ST10 is an evaluation module board that includes a ST10F276 part, peripheral
expansion connectors (3 general purpose motor connectors + 1 standard MC connector
vector control-based) and CAN interface. The expansion connectors have been placed for
signal monitoring and user feature expandability.
Figure 18.
ST10F276 block diagram
BRG
BRG
Port 6
Port 5
CPU-Core and MAC Unit
XCAN2
XSSC
XASC
XCAN1
XI2C
XRAM
2K
XRAM
16K
XRAM
48K
(STBY)
(PEC)
XFLASH
320K
IFLASH
512K
32
16
16
16
16
16 16
16 16
16 16
16
PEC
Interrupt Controller
Port 3
Port 7
Port 8
16
Watchdog
IRAM
2K
16
XRTC
Oscillator
PLL
5V-1.8V
Voltage
Regulator
16
16
8
816
15
8
8
16
16
32kHz
Oscillator
XPWM
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com