Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 24Page - STMicroelectronics AN2388 Datasheet HTML 25Page - STMicroelectronics AN2388 Datasheet HTML 26Page - STMicroelectronics AN2388 Datasheet HTML 27Page - STMicroelectronics AN2388 Datasheet HTML 28Page - STMicroelectronics AN2388 Datasheet HTML 29Page - STMicroelectronics AN2388 Datasheet HTML 30Page - STMicroelectronics AN2388 Datasheet HTML 31Page - STMicroelectronics AN2388 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
Hardware design
AN2388
28/54
The comparator integrated in the L6386 is used to provide an over-current protection. The
board includes also an opto-isolation stage for separating the high voltage of the power
stage from the low voltage of the control board. Moreover, electrical insulation is also useful
to eliminate ground loop currents and for producing a noise-robust system architecture. Two
different kinds of opto-isolators have been used. Linear opto (HCNR-200) for the A/D
converter signal and switch (HCPL-2300) for the control.
Control signals come from the MDK-ST10 thanks to a 34 pin connector (standard MC
connector). This is an ST standard for all applications in motor control and has pin-out
shown in Figure 25.
The encoder signals, channels A, B, and Z (Pulse per Revolution) are filtered here with a
simple RC network. The best-fit value to set the right cut-off frequency of the low-pass filter
has to be fixed in relation with the feedback device signals. The encoder channels are
passed to the dedicated peripheral for encoder reading.
Figure 24.
Evaluation of the incremental encoder signals
Figure 25.
MC (motor control) standard connector
In order to obtain the highest noise immunity, most of the control and sensing signals are
referred to their own GND voltage. To further increase the noise immunity, it is also
suggested to use a shielded flat cable with the shield connected to the control section GND.
The delay times are neglected (<300ns)
A
A
B
B
T0
T0
A
B
T0
T3input
T3input
Interrupt
Signal Conditioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com