Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2388 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2388
Description  Sensor field oriented control
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2388 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2388 Datasheet HTML 5Page - STMicroelectronics AN2388 Datasheet HTML 6Page - STMicroelectronics AN2388 Datasheet HTML 7Page - STMicroelectronics AN2388 Datasheet HTML 8Page - STMicroelectronics AN2388 Datasheet HTML 9Page - STMicroelectronics AN2388 Datasheet HTML 10Page - STMicroelectronics AN2388 Datasheet HTML 11Page - STMicroelectronics AN2388 Datasheet HTML 12Page - STMicroelectronics AN2388 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
AN2388
Vector control of AC induction machines
9/54
2
Vector control of AC induction machines
2.1
Introduction
The performance of an AC induction motor is strongly dependant on its control. The recent
advances of powerful microcontrollers with DSP functions has enhanced complex and real-
time algorithms. In particular, the use of a powerful microcontroller brings the following:
●
system cost reduction by an efficient control and right dimensioning power devices as
well
●
the removal of speed or position sensors by the implementation of sensorless
algorithms that need higher complexity calculations
●
a reduction of current harmonics using enhanced algorithms
●
a reduction in the number of look-up tables which reduces the amount of memory
required
●
real-time generation of torque and flux profiles and move trajectories, resulting in
better-performance
Thanks to the capability of such modern microcontrollers it is possible to implement
sophisticated controls like Vector Control.
Vector control refers not only to the magnitude but also to the phase of variables. Matrix and
vectors are used to represent the control quantities. This method takes into account not only
successive steady-states but real mathematical equations that describe the motor itself, so
that the obtained results have a better dynamic for torque variations in a wider speed range.
The Field Oriented Control (FOC) offers a solution to circumvent the need to solve high
order equations with a large number of variables and nonlinearities and achieve an efficient
control with high dynamic.
This approach needs more calculations than other standard control schemes and has the
following advantages:
●
full motor torque capability at low speed
●
better dynamic behavior
●
higher efficiency for each operation point in a wide speed range
●
decoupled control of torque and flux
●
short term overload capability
●
four quadrant operation
2.2
Theory on vector control
FOC involves controlling the components of the motor stator currents, represented by a
vector, in a rotating reference frame (with a d-q coordinate system). In a special reference
frame, the expression for the electromagnetic torque of the smooth-air-gap machine is
similar to the expression for the torque of the separately excited DC machine. In the case of
induction machines, the control is normally performed in a reference frame aligned to the
rotor flux space vector. To perform the alignment on a reference frame revolving with the
rotor flux requires information on the modulus and the space angle (position) of the rotor flux



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com