Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 5Page - STMicroelectronics AN2299 Datasheet HTML 6Page - STMicroelectronics AN2299 Datasheet HTML 7Page - STMicroelectronics AN2299 Datasheet HTML 8Page - STMicroelectronics AN2299 Datasheet HTML 9Page - STMicroelectronics AN2299 Datasheet HTML 10Page - STMicroelectronics AN2299 Datasheet HTML 11Page - STMicroelectronics AN2299 Datasheet HTML 12Page - STMicroelectronics AN2299 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
AN2299
An innovative STPM01 approach to calibrate the energy meter: fast digital calibration
Rev2
9/26
2
An innovative STPM01 approach to calibrate the
energy meter: fast digital calibration
The calibration procedure is a key feature among the main meter requirements. In fact, it
impacts directly on accuracy, cost, manufacturability and reliability of the meter.
After the final assembly phase, an energy meter requires a calibration procedure due to
unknown sensitivities of its following blocks:
●
built-in voltage and current sensors
●
oscillator frequency
●
internal reference voltage source
●
analog to digital converters' gain
assuming that the above listed values will not significantly change with environment
temperatures changes and/or by aging.
2.1
Digital calibration procedure: traditional approach
The frequency of the output pulse signal is proportional to active energy.
As shown in Figure 2., the error on the frequency is weighed up by the following
equipments:
●
Precision current and voltage source (Gen)
●
High class precision energy meter (EMp)
●
Meter under calibration (EM)
Figure 2.
Meter calibration set-up
Gen equipment generates the line signals at the same frequency and well known phase
between them. EMp and EM equipments measure the same line signals, but EMp computes
the error by comparing those readings (energy, voltage and current RMS) with the
measured frequency of the EM output pulse signal.
The resulting error has to be minimized acting on some design parameters, known as
calibrators.
Current and voltage
source
Meter under calibration
High class precision
energy meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com