Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 16Page - STMicroelectronics AN2299 Datasheet HTML 17Page - STMicroelectronics AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics AN2299 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Phase calibration
AN2299
20/26
Rev2
The relative error on power depends on phase angle
φ and phase angle error δ, and it
shows a symmetrical behavior regarding positive and negative phase angles (eg. +60° and
-60°). The influence of
δ is small at cosφ = 1, but becomes very big at small cosφ values.
This additional contribution to the total error from the phase angle error is usually referred to
as "related to apparent power" and can be expressed as follows:
As shown in Eq. 32 errors associated with phase mismatch are particularly noticeable at low
power factors, e.g. with a specified error for power of
±0.01% the error tolerance for typical
power factors will be:
4.2
Phase error compensation in STPM01 based energy meters
A good Rogowski coil or Shunt would normally have a phase error small enough that there
is no need for phase compensation. This also valid for the type of CT which are built on the
ST measurement modules.
Otherwise, if the sensor is not very accurate also phase compensation needs to be
performed. Since this process increases calibration time of at least 3 times more, it is
advisable to find the best compensation value for a certain type of current sensor and then
use such value for compensation of all modules.
STPM01 provides a means of digitally calibrating small phase errors. Calibration is obtained
by introducing delays on voltage or current signal. The extent of phase compensation can
be set using the 4 bits of the phase calibration register (CPH).
The default value of this register is 0, which gives 0° phase compensation. When the 4 bits
are set (CPH = 15) the compensation is +0.576°. The resolution step of the phase
compensation is 0.038°.
Phase calibration should be carried out after amplitude calibration. The method to follow is
the same for both traditional power calibration and fast calibration approach.
As phase errors are amplified with power factor, to make them more evident a phase shift of
60° between line voltage and current is introduced.
In this case Eq. 1 becomes:
CPH bits need to be changed in such a way to achieve this target power, either reading
active power from DAP register (fast digital calibration approach) or measuring LED pin
output frequency (traditional calibration approach).
Table 4.
Error tolerance vs. power factor
PF
E[%]
1
±0.01%
0.5
±0.02%
0.25
±0.04%
ee
PF
1
=
S
P
----
•
ePF 1
=
PF
----------------
==
Eq. 33
P
UI
•
2
-----------
=
Eq. 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com