Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 15Page - STMicroelectronics AN2299 Datasheet HTML 16Page - STMicroelectronics AN2299 Datasheet HTML 17Page - STMicroelectronics AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AN2299
Phase calibration
Rev2
19/26
4
Phase calibration
4.1
Phase error definition
STPM01 does not introduce any phase shift between voltage and current channel.
However, voltage and current signals come from transducers, which could have inherent
phase errors. Phase shift is usually introduced by the current sensor, since the voltage
sensor, normally a resistor divider, does not introduce any delay. For example, a phase error
of 0.1° to 0.3° is not uncommon for a current transformer (CT). These phase errors can vary
from part to part, and they must be corrected in order to perform accurate power
calculations.
At phase angle current to voltage
φ= 0° (power factor PF = 1) the amplitude errors of
voltages and currents determine the actual accuracy of the instrument.
In this case there is no phase shift between voltage and current and Eq. 1 becomes:
This is the target measured power to reach with calibration.
At phase angles other than zero, e.g. ±60° (PF = 0.5) the phase angle errors between
voltages and currents of each phase also affect the actual accuracy in addition to the
amplitude errors described above.
Let us assume that voltage and current RMS values are already calibrated, so they do not
introduce any error in measured power.
Figure 5.
Influence of phase angle errors in power measurement
Formula for the relative error of power can be expressed as:
PU
I
•
=
Eq. 31
PU
I
φ
cos
•
=
real active power;
P'
UI
φδ
+
()
cos
•
=
measured active power;
φ[°]
‘=cos(φ−δ)
=cosφ
‘=cos(
φ+δ)
P
P
P
e
P'
P
-----
1
–
100
Φδ
+
()
cos
φ
cos
-----------------------------
1
–
=
•
100
•
=
[%]
Eq. 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com