Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 14Page - STMicroelectronics AN2299 Datasheet HTML 15Page - STMicroelectronics AN2299 Datasheet HTML 16Page - STMicroelectronics AN2299 Datasheet HTML 17Page - STMicroelectronics AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Fast digital calibration procedure
AN2299
18/26
Rev2
Eq. 8, Eq. 9 and Eq. 10 a pair of final 8-bits calibration data can be calculated as shown
below:
where XV and XI are those calculated in one of the four previous cases.
3.3.5
Coherency check
One assumes that the EM works correctly and that built-in voltage and current sensors allow
the target power sensitivity constant to be achieved, because the correction parameters Ki
and Kv can tune measured values within the calibration range of
±12.5% per voltage or
current channel.
If after the calibration, calculated values for Cv or Ci are out of range (less than 0 or more
than 255), it could mean that the application cannot reach the target value of power
sensitivity. In this case, steps 3 and 4 have to be repeated choosing a smaller power
sensitivity value. If the values of Cv or Ci are out of range even for small values of PM it
could mean that the energy meter board is not good enough to perform such
measurements, maybe because the tolerance of the components is too big, or no care has
been taken in the layout phase, so the application has to be re-designed.
Otherwise, if calibrators values are written into STPM01, the average RMS readings will be
very close to target values XI and XV and the frequency of LED output will be very close to
target value f.
3.4
Two current channels calibration
If the meter uses two current sensors, calibration procedure must be repeated twice, one for
each current channel calibration.
Steps 1 to 3 of fast digital calibration procedure (working point setting, algorithm choice and
calculation of offline parameters) must be followed as explained before and they are
common for both channels.
Before running the online procedure, configuration bit 7 must be cleared (PST2 = 0) to
disable tamper function, then calibration is split for the two channels:
●
Primary channel calibration: mode signal CSEL must be cleared to select primary
channel, then step 4 and 5 (online measure and coherency check) must be executed. If
Cv and Ci are valid values they can be written in bytes CHV and CHP.
●
Secondary channel calibration: mode signal CSEL must be set to select secondary
channel, then step 4 and 5 (online measure and coherency check) must be executed.
This time only Ci, if valid, should be written in byte CHS.
For more info see STPM01 datasheet, "Configuration bytes" paragraph.
Ci
896
Xi
I
A
-----
•
768
–
=
Eq. 29
Cv
896
Xv
V
A
------
•
768
–
=
Eq. 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com