Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics AN2299 Datasheet HTML 22Page - STMicroelectronics AN2299 Datasheet HTML 23Page - STMicroelectronics AN2299 Datasheet HTML 24Page - STMicroelectronics AN2299 Datasheet HTML 25Page - STMicroelectronics AN2299 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Temperature calibration
AN2299
22/26
Rev2
6
Temperature calibration
A calibration of Band Gap should be performed during EWS by means of production tester
which could permanently write one or two OTP lower bits of TC. Namely, on the die, there is
an additional test pad which enables the tester to measure the output of Band Gap
generator. The upper two bits of TC are intended for compensation of temperature variation
of the whole meter. We saw on some of our applications that we can rotate the temperature
curve of the whole meter by changing the value of configurator TC. But, in practice, it is very
difficult and time consuming to calibrate the temperature dependency of the meter.
Therefore, it is advisable to control temperature dependency during the meter design phase.
This would enable us to perform such compensation at the base.
6.1
APPENDIX A - Traditional calibration approach
It is possible to calibrate a STPM01 based energy meter also in a traditional way, setting the
calibrators Cv and Ci in order to fix LED frequency rather than voltage and current values.
The procedure requires an accurate frequency meter that allows reading frequency out of
the LED pin.
LED pin outputs a pulse train with frequency that can be chosen proportional to wide band
active power, 1st harmonic, reactive or apparent energy by setting a 2-bit configurator
APL=0 (CFG03=APL0=0, CFG04=APL1=0) and then by setting another 2-bit configurator
KMOT respectively to:
●
0 - Type 0 active energy - (CFG14=KMOT0=0, CFG15=KMOT1=0)
●
1 - Type 1 active energy - (CFG14=KMOT0=1, CFG15=KMOT1=0)
●
2 - Reactive energy - (CFG14=KMOT0=0, CFG15=KMOT1=1)
●
3 - Apparent energy - (CFG14=KMOT0=1, CFG15=KMOT1=1)
To perform the calibration, the following steps need to be performed.
6.1.1
Working point setting
Voltage and current nominal values must be defined before running the calibration
procedure, for example:
●
Line RMS voltage:
–
Vn=230V
●
Line RMS current:
–
In=5A
●
Active Power:
–
Pn=Vn*In=1150W
Target active power is calculated assuming no phase shift between line voltage and current.
Parameters reported in Table 3. are always valid for calculation.
In STPM01 active power is calculated from voltage and current registers. Eq. 9 and Eq. 10
show a proportional relationship between measured voltage and current and calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com