Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 13Page - STMicroelectronics AN2299 Datasheet HTML 14Page - STMicroelectronics AN2299 Datasheet HTML 15Page - STMicroelectronics AN2299 Datasheet HTML 16Page - STMicroelectronics AN2299 Datasheet HTML 17Page - STMicroelectronics AN2299 Datasheet HTML 18Page - STMicroelectronics AN2299 Datasheet HTML 19Page - STMicroelectronics AN2299 Datasheet HTML 20Page - STMicroelectronics AN2299 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
AN2299
Fast digital calibration procedure
Rev2
17/26
From which current sensor sensitivity KS is obtained:
●
Rogowski coil - Constant Ks
Sensor nominal value of sensitivity again must be known, for example:
–
Rogowski coil=KS
From values above and for both given amplification factor AI and initial calibration data, the
following target values can be calculated:
Target RMS reading for given In:
Target RMS reading for given Vn:
Voltage divider output:
From which R1 resistor value is obtained:
3.3.4
Online Procedure
According to the used current sensor and the chosen algorithm, a component (resistor or
current sensor) of the value calculated through Eq. 16, Eq. 20, Eq. 24 or Eq. 28 respectively
must be mounted on the board.
To start online calibration procedure, the following has to be verified:
●
EM is connected into the calibration system and it is properly configured according to
the chosen application
●
EM calibrators parameters are preset to initial data
●
Target values of line signals are stable
When the system is connected and powered on, a certain number of readings of RMS
values must be performed.
Due to the fact that 0.4% of ripple is present in the measured RMS values, more than ten
readings of these values should be gathered each cycle (20ms at 50Hz) and average values
of RMS current and voltage readings IA and VA should be computed. Consequently, from
KS
X
I
V
BG
1000
•
•
In
A
I
Ki
•
G
DF
•
G
INT
•
B
I
•
•
-------------------------------------------------------------------------
=
[mV/A]
Eq. 24
XI
In
K
S
•
A
I
•
Ki
•
G
IN T
•
G
DF
•
B
I
•
V
BG
1000
•
--------------------------------------------------------------------------------------
=
Eq. 25
XV
fB
V
•
B
I
•
D
UD
•
f
M
X
I
•
------------------------------------------
=
Eq. 26
V
DI V
X
V
V
BG
•
A
V
Kv
G
DF
•
B
V
•
•
-------------------------------------------------
=
Eq. 27
R1
R2
Vn
V
DI V
–
V
DIV
-----------------------
•
=
[
Ω]
Eq. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com