Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2299 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2299
Description  Fast digital calibration procedure
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2299 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2299 Datasheet HTML 9Page - STMicroelectronics AN2299 Datasheet HTML 10Page - STMicroelectronics AN2299 Datasheet HTML 11Page - STMicroelectronics AN2299 Datasheet HTML 12Page - STMicroelectronics AN2299 Datasheet HTML 13Page - STMicroelectronics AN2299 Datasheet HTML 14Page - STMicroelectronics AN2299 Datasheet HTML 15Page - STMicroelectronics AN2299 Datasheet HTML 16Page - STMicroelectronics AN2299 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
AN2299
Fast digital calibration procedure
Rev2
13/26
3.3
Calibration procedure
3.3.1
Working point setting
According to what pointed out previously, the device can be calibrated in a single point.
Thus, voltage and current nominal values must be defined before running the calibration
procedure, for example:
●
Line RMS voltage:
–
Vn=230V
●
Line RMS current:
–
In=5A
The following other parameters and constants of STPM01 (and relative tolerances) are also
known:
As shown in Table 3., only analog parameters are object of calibration because they
introduce a certain error. Voltage ADC amplification Av is constant, while Ai is chosen
according to used sensors.
The calibration procedure has as final result the correction parameters, called Kv and Ki,
which applied to STPM01 voltage and current measures compensate small tolerances of
analog components that affect energy calculation.
Since Kv and Ki calibration parameters are the decimal representation of the corresponding
configuration bytes CHV and CHP or CHS1 (respectively voltage channel, primary current
channel and secondary current channel calibration bytes), at the end of calibration CHV and
CHP or CHS (according to the current channel under calibration, primary or secondary
respectively) bits values are obtained.
In the following procedure CHV, CHP and CHS will be indicated as Cv and Ci.
Note:
For more info see paragraph "Two current channels calibration".
Table 3.
Metering constants
Parameter
Value
Tolerance
Internal reference voltage
VBG
1.23V
±2%
Internal Calculation Frequency
fM
223HZ
±50 ppm
Amplification of voltage ADC
AV
4
±1%
Amplification of current ADC
AI
8, 16, 24, 32
±2%
Gain of differentiator
GDIF
0,6135
Gain of integrator
GINT
0,815
Gain of decimation filter
GDF
1.004
RMS Voltage register length
BV
211
RMS Current register length
BI
216
Constant
DUD
217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com