Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 7Page - STMicroelectronics AN3407 Datasheet HTML 8Page - STMicroelectronics AN3407 Datasheet HTML 9Page - STMicroelectronics AN3407 Datasheet HTML 10Page - STMicroelectronics AN3407 Datasheet HTML 11Page - STMicroelectronics AN3407 Datasheet HTML 12Page - STMicroelectronics AN3407 Datasheet HTML 13Page - STMicroelectronics AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AN3407
Input current harmonics measurement
Doc ID 018857 Rev 1
11/25
4
Input current harmonics measurement
The internal THD optimizer increases the performance when the mains voltage reaches
zero which reduces crossover distortion and avoids introducing offset. One of the main
purposes of a PFC pre-conditioner is the correction of input current distortion, decreasing
the harmonic contents below the limits of the relevant regulations. The board has been
tested according to the European norm EN61000-3-2 Class-D, at full load and nominal input
voltage mains. Figure 10 and 11 show the measurement results.
Figure 10.
EN61000-3-2 Class-D standard - 185 VAC/50 Hz, THD=4.86%, PF=0.993 at
full load
Figure 11.
EN61000-3-2 Class-D standard - 230 VAC/50 Hz, THD=5.98%, PF=0.980 at
full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com