Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 9Page - STMicroelectronics AN3407 Datasheet HTML 10Page - STMicroelectronics AN3407 Datasheet HTML 11Page - STMicroelectronics AN3407 Datasheet HTML 12Page - STMicroelectronics AN3407 Datasheet HTML 13Page - STMicroelectronics AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AN3407
Functional check
Doc ID 018857 Rev 1
13/25
5
Functional check
5.1
PFC circuit
The waveforms measured in the PFC stage have been captured during full load operation at
nominal 115 VAC and 230 VAC in Figure 14 and 15. It can be seen in both figures that the
envelope of the waveform of pin#12 (PFCS) is in phase with that of pin#8 (MULT) and has
same sinusoidal shape, demonstrating the proper functionality of the PFC stage. It is also
possible to measure the peak-to-peak value of the voltage ripple superimposed on the PFC
output voltage due to the low value of the PFC output capacitors. The details of the
waveforms at switching frequency are measured in Figure 16 and 17.
Figure 14.
PFC stage waveforms at 115 VAC -
full load
Figure 15.
PFC stage waveforms at 230 VAC -
full load
Figure 16.
PFC stage waveforms at 115 VAC -
full load - detail
Figure 17.
PFC stage waveforms at 230 VAC -
full load - detail
CH1: MULT
CH4: Vout_PFC
CH2: PFCS
CH1: MULT
CH4: Vout_PFC
CH2: PFCS
CH1: MULT
CH3: Vout_PFC
CH3: Vdrain_Q2
CH1: MULT
CH4: Vout_PFC
CH3: Vdrain_Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com