Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 12Page - STMicroelectronics AN3407 Datasheet HTML 13Page - STMicroelectronics AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics AN3407 Datasheet HTML 18Page - STMicroelectronics AN3407 Datasheet HTML 19Page - STMicroelectronics AN3407 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Bill of material
AN3407
16/25
Doc ID 018857 Rev 1
6
Bill of material
Table 3.
STEVAL-ILL038V1 demonstration board: bill of material
Reference
Part / value
Tolerance %
Voltage
Manufacturer
BD1
GBU8J_DIP
VISHAY
C1,C5,C9
470nF_DIP
305 VAC
EPCOS
C2,C3,C4
5uF/800 V_DIP
800 V
EPCOS
C6,C12
10 nF
X7R
50 V
C7,C11
2.2 µF
X7R
50 V
C8
0.33 µF
X7R
50 V
C10
470 nF
X7R
50 V
C13,C30
1 nF
X7R
50 V
C14
0.1 µF_1206
X7R
50 V
C15,C16
4.7 µF 63 V_DIP
63 V
EPCOS
C17
100 nF_1206
X7R
100 V
C18
220 pF_1206
X7R
1000 V
AVX
C19
330 nF
X7R
50 V
C20
15 nF_DIP
1000 V
EPCOS
C21
2.2 nF_DIP
Murata
C22,C31
220 nF
X7R
50 V
C23
4.7 µF
X7R
25 V
C25
47 µF_CaseD
20 V
SANYO
C26
0.47 µF_1206
X7R
50 V
C27
2.2 µF_1206
X7R
50 V
C28
0.22 µF
X7R
50 V
C29
15 nF
X7R
50 V
D1
1N4007_DIP
VISHAY
D2
STTH3L06U_SMB
STMicroelectronics
D3,D4,D6,D8,D9,
D10,D11,D12
1N4148
CHENMKO
D5,D7
STPS10150CG
STMicroelectronics
F1
4 A_DIP
Littlefuse
J1
CN1
PHOENIX CONTACT
J2
CON2
PHOENIX CONTACT
L1
QTC21_DIP
YU JING
L2
3.3 µH_DIP
MAGI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com