Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics AN3407 Datasheet HTML 18Page - STMicroelectronics AN3407 Datasheet HTML 19Page - STMicroelectronics AN3407 Datasheet HTML 20Page - STMicroelectronics AN3407 Datasheet HTML 21Page - STMicroelectronics AN3407 Datasheet HTML 22Page - STMicroelectronics AN3407 Datasheet HTML 23Page - STMicroelectronics AN3407 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
EMI choke
AN3407
20/25
Doc ID 018857 Rev 1
7
EMI choke
Figure 28.
EMI: OTC21V-4S vertical type EMI choke
Note:
Class B insulation system: SBI4.2
Hi-pot test: 1.5 kV, N1 to N2, 1.5 kV, N1 to core, 1.5 kV, N2 to core
Table 4.
Transformer specifications
Core spec-OTC21
Ae
26.1 mm2
Le
55.2 mm
Wiring spec. for resonant transformer
No.
Start
Finish
Wire
Winding
Turns
Inductance
DCR (m
Ω)
L1
1
4
0.55
Φ*
48
11.0 µH min
200 max.
L2
2
3
0.55
Φ*
48
96 µH min
200 max.
AM09845v1
MYLAR FILM
22.0 MAX
22.0 MAX
26.0 MAX
3.5±0.3
15.0±0.5
14±0.5
12
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com