Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 10Page - STMicroelectronics AN3407 Datasheet HTML 11Page - STMicroelectronics AN3407 Datasheet HTML 12Page - STMicroelectronics AN3407 Datasheet HTML 13Page - STMicroelectronics AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics AN3407 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Functional check
AN3407
14/25
Doc ID 018857 Rev 1
5.2
Half-bridge resonant LLC circuit
The waveforms are measured in the resonant stage ZVS operation in Figure 18. Both
MOSFETs are turned on when resonant current is flowing through their body diodes and
drain-source voltage is almost zero, thus achieving good efficiency. The switching frequency
has been chosen around 94 kHz.
Figure 18 shows waveforms during steady-state operation of the circuit at full load. A slight
asymmetry of operating modes by each half portion of the sine wave is visible: one half-
cycle is working at resonant frequency while the other half is working above the resonant
frequency. This is due to a small difference between each half’s secondary leakage
inductance of the transformer reflected to the primary side, providing two slightly different
resonant frequencies. This phenomenon is typically due to a different coupling of the
transformer’s secondary windings and in this case it is not an issue.
Figure 19 demonstrates that during one half-cycle the circuit is working below the resonant
frequency, while during the following half-cycle it is working at resonance frequency.
Waveforms relevant to the secondary side are shown: the rectifier’s reverse voltage is
measured by Ch3 and Ch4 on the right of the picture. It is a bit higher than the theoretical
value that would be 2 (VOUT+VF), hence about 100 V.
Figure 18.
Primary side LLC waveforms at
115 VAC - full load
Figure 19.
Secondary side LLC waveforms at
230 VAC - full load
CH1: VCC
CH4: HB
CH3: Res. Tank current
CH1: Vout
CH4: V_D5
CH3: V_D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com