Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics AN3407 Datasheet HTML 18Page - STMicroelectronics AN3407 Datasheet HTML 19Page - STMicroelectronics AN3407 Datasheet HTML 20Page - STMicroelectronics AN3407 Datasheet HTML 21Page - STMicroelectronics AN3407 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Bill of material
AN3407
18/25
Doc ID 018857 Rev 1
Figure 24.
PCB: topside and through-hole components
Figure 25.
PCB: bottomside and SMD components
R41
15 k
Ω
1%
R44
2.7 k
Ω
1%
T1
QP2520_DIP
YU JING
T2
LP2920_DIP
YU JING
U1
L6585DE
STMicroelectronics
U2
SFH617A
VISHAY
U3
TS2431
STMicroelectronics
ZD1
24 V
CHENMKO
ZD2
12 V
CHENMKO
ZD3
15 V
CHENMKO
Table 3.
STEVAL-ILL038V1 demonstration board: bill of material (continued)
Reference
Part / value
Tolerance %
Voltage
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com