Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3407 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3407
Description  Resonant driver for LED SMPS demonstration board
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3407 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3407 Datasheet HTML 13Page - STMicroelectronics AN3407 Datasheet HTML 14Page - STMicroelectronics AN3407 Datasheet HTML 15Page - STMicroelectronics AN3407 Datasheet HTML 16Page - STMicroelectronics AN3407 Datasheet HTML 17Page - STMicroelectronics AN3407 Datasheet HTML 18Page - STMicroelectronics AN3407 Datasheet HTML 19Page - STMicroelectronics AN3407 Datasheet HTML 20Page - STMicroelectronics AN3407 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AN3407
Bill of material
Doc ID 018857 Rev 1
17/25
Q1,Q3
STF8NM60N_DIP
600 V
STMicroelectronics
Q2
STF21NM60N_DIP
600 V
STMicroelectronics
Q4
STQ1HNK60R_DIP
STMicroelectronics
Q5,Q6,Q7
BC847
CHENMKO
RV1
VARISTOR
300 VAC
EPCOS
R1,R3
1 M
Ω_1206
1%
R2
1.3 M
Ω_1206
1%
R4
1.1 M
Ω_1206
1%
R5
150 k
Ω_1206
1%
R6,R9
2 M
Ω_1206
1%
R7
1.5 M
Ω_1206
1%
R8
18 k
Ω
1%
R10
56 k
Ω_1206
1%
R11
19.6 k
Ω
1%
R13
51 k
Ω
1%
R14
390 k
Ω_1206
1%
R15,R32
120 k
Ω
1%
R16,R17,R36
27 k
Ω
1%
R18
270 k
Ω
1%
R19
680 k
Ω
1%
R20,R21,R24
22
Ω
5%
R23
0.15_DIP
1%
R25
110 k
Ω_1206
1%
R26
110_1206
1%
R27
100
Ω
1%
R28
3 M
Ω_1206
1%
R29
1.8 M
Ω_1206
1%
R30
220 k
Ω
1%
R31,R37
4.7 k
Ω
5%
R33
1_1206
5%
R34
22 k
Ω
1%
R35
620
Ω
1%
R38
49.9 k
Ω
1%
R39
2.2 k
Ω
1%
R40
12 k
Ω_1206
1%
Table 3.
STEVAL-ILL038V1 demonstration board: bill of material (continued)
Reference
Part / value
Tolerance %
Voltage
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com