Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 21Page - STMicroelectronics AN3959 Datasheet HTML 22Page - STMicroelectronics AN3959 Datasheet HTML 23Page - STMicroelectronics AN3959 Datasheet HTML 24Page - STMicroelectronics AN3959 Datasheet HTML 25Page - STMicroelectronics AN3959 Datasheet HTML 26Page - STMicroelectronics AN3959 Datasheet HTML 27Page - STMicroelectronics AN3959 Datasheet HTML 28Page - STMicroelectronics AN3959 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
AN3959
Analog section test results
Doc ID 022081 Rev 3
25/65
Table 4.
Line out section test results
Filter: 22K LPF
Ext Res: 18K + 43K
Line out
Unit
Spec.
Test results
Reference
200 mV +/-20%
Maximum output level
mVrms
2.0 V
↓
1.86
1.87
Left
Right
Frequency response
-1 dB
↑,+0.5dB↓ 20Hz
~20 kHz
-0.87 dB at 20 Hz
-0.83 dB at 20 Hz
Left
Right
THD+N vs. frequency
dBr
-60
-71 dB at 20 Hz
-71 dB at 20 Hz
Left
Right
TH+N vs. level
dBr
-60
-78 dB at 200 mV
-78 dB at 200 mV
Left
Right
Signal-to-noise (20-bit)
dBr
-70
79
79
Left
Right
Channel separation
dBr
-70
99
80
Left
Right
L/R CH phase difference
deg
5
↓
0.02
Dynamic range (20-bit)
dBr
-85
100
100
Left
Right
Residual noise
mV
7
↓
0.021 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com