Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 24Page - STMicroelectronics AN3959 Datasheet HTML 25Page - STMicroelectronics AN3959 Datasheet HTML 26Page - STMicroelectronics AN3959 Datasheet HTML 27Page - STMicroelectronics AN3959 Datasheet HTML 28Page - STMicroelectronics AN3959 Datasheet HTML 29Page - STMicroelectronics AN3959 Datasheet HTML 30Page - STMicroelectronics AN3959 Datasheet HTML 31Page - STMicroelectronics AN3959 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Design guidelines for schematic and PCB layout
AN3959
28/65
Doc ID 022081 Rev 3
6
Design guidelines for schematic and PCB layout
6.1
Schematic
6.1.1
Criteria for selection of components
●
Absolute maximum rating: STA381BWS VCC = 27 V
●
Bypass capacitor 100 nF in parallel to 1 µF for each power VCC branch. Preferable
dielectric is X7R.
●
Coil saturation current compatible with the peak current of application
6.1.2
Decoupling capacitors
For the decoupling capacitor(s), one decoupling system can be used with 2 capacitors per
channel. The decoupling capacitors must be as close as possible to the IC pins, in order to
avoid parasitic inductance with the copper wire on the PC board.
6.1.3
Output filter
Figure 27.
Output filter (BTL)
1.
The key function of a snubber network is to absorb energy from the reactance in the
power circuit. The purpose of the snubber RC network is to avoid unnecessary high
pulse energy such as a spike in the power circuit which is dangerous to the system.
The snubber network allows the energy (big spike) to be transferred to and from the
snubber network in order for the system to work safely.
2.
The purpose of the main filter is to cut off the frequency above the audible range of
20 kHz, which is mandatory in order to have a clean amplifer response. The main filter
is designed using the Butterworth formula to define the cutoff frequency.
3.
The purpose of the damping network is to avoid the high-frequency oscillation issue on
the output circuit. The damping network allows the THD to be improved and also allows
avoiding the inductive copper on the PCB route when the system is working at high
frequency with PWM or PCM.
C98
470n
C105
100n
C101
100n
C95
100n
C89
100n
C90
330p
C99
1000p
C103
1000p
L13
22u
L11
22u
C91
1000p
R37
6.2
R34
6.2
R36
20
IN x A
IN x B
1
2
J7
CO N2
SNUBBER
Main Filter
Dumping Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com