Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 26Page - STMicroelectronics AN3959 Datasheet HTML 27Page - STMicroelectronics AN3959 Datasheet HTML 28Page - STMicroelectronics AN3959 Datasheet HTML 29Page - STMicroelectronics AN3959 Datasheet HTML 30Page - STMicroelectronics AN3959 Datasheet HTML 31Page - STMicroelectronics AN3959 Datasheet HTML 32Page - STMicroelectronics AN3959 Datasheet HTML 33Page - STMicroelectronics AN3959 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Design guidelines for schematic and PCB layout
AN3959
30/65
Doc ID 022081 Rev 3
6.1.5
Main filter
The main filter is an L and C based Butterworth filter. The cutoff frequency must be chosen
between the upper limit of the audio band (
≈20 kHz) and the carrier frequency (384 kHz).
Figure 30.
Main filter
6.1.6
Dumping network
The C-R-C is a dumping network. It is mainly intended for high inductive loads such as
disconnecting the speaker load.
Figure 31.
Dumping network
C dump-S
C dump-P
C dump-P
C dump-S
R dump
Rdump
Table 7.
Recommended values
Rload
16 ohm
12 ohm
8 ohm
6 ohm
4 ohm
Lload
47 µH
33 µH
22 µH
15 µH
10 µH
Cload
220 nF
330 nF
470 nF
680 nF
1 µF
C dump-S
100 nF
100 nF
100 nF
100 nF
220 nF
C dump-P
100 nF
100 nF
100 nF
100 nF
220 nF
R dump
10
8.2
6.2
4.7
2.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com