Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 37Page - STMicroelectronics AN3959 Datasheet HTML 38Page - STMicroelectronics AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics AN3959 Datasheet HTML 41Page - STMicroelectronics AN3959 Datasheet HTML 42Page - STMicroelectronics AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
AN3959
Software setup to use the STA381BW/STA381BWS devices (ST Map)
Doc ID 022081 Rev 3
41/65
Figure 50.
STCompressor - offset control
●
The offset is a user-programmable gain or volume control
●
When the STC is used, it is better to use offset instead of volume for location in the
processing path
There are 192 different settings (from 0 to +48) with 0.25 dB/step
7.2.1
STCompressor settings
●
By default the STCompressor is enabled and in pass-through
–
Bit D4 of register 0x5A (STC_EN) is set to 1. This means STC is enabled
–
Bit D5 of register 0x5A (STC_BYP) is set to 1. This means STC is in pass-through
●
By default the STC band recombination is disabled
–
Bit D0 register 0x5B (BRC_EN) is set to 0
7.2.2
Configuring and enabling the STCompressor
●
Write the STC configuration
–
Define the band splitter filtering
–
Define the limiter threshold [-24, +12] dB with 0.25 dB/step
–
Define the max. linear zone (compression threshold) [-48, 0] dB with 0.25 dB/step
–
Define the compression ratio [1:1, 1:16]
–
Define the attack rate [0, +16] dB/msec with 0.25 dB/ms step
–
Define the release rate [0.0078, 1) dB/msec with 0.0039dB/msec step
–
Define the dynamic attack
–
Define the offset
●
Enable the STC
–
Set the STC_BYP bit (register 0x5A bit D1) to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com