Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3959 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics AN3959 Datasheet HTML 41Page - STMicroelectronics AN3959 Datasheet HTML 42Page - STMicroelectronics AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics AN3959 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
AN3959
Software setup to use the STA381BW/STA381BWS devices (ST Map)
Doc ID 022081 Rev 3
43/65
Compression ratio - 1:2 = 4
●
Coefficient value = HEX [(4/26) * 223] = HEX (524288) = 0x080000
●
Write in RAM:
–
0x57
→0x080000
–
0x61
→0x080000
Attack rate: +4 dB/msec
●
Coefficient value = HEX [(4/26) * 223] = HEX (524288) = 0x080000
●
Write in RAM:
0x55
→0x080000
0x5F
→0x080000
Release rate: 0.01953 dB/msec
●
Coefficient value = HEX (Value * 223) = HEX (0.01953*223) = 0x027EF9
●
Write in RAM:
0x54
→0x027EF9
0x5E
→0x027EF9
Dynamic attack rate: 0.039 dB/msec
●
Coefficient value = HEX (Value * 223) = HEX (0.039*223) = 0x04FDF3
●
Write in RAM:
0x71
→0x04FDF3
Offset: 0.5 dB for all DRC
●
Coefficient value = HEX [(0.5/26) * 223] = 0x010000
●
Write in RAM:
0x68
→0x010000
0x69
→0x010000
0x6A
→0x010000
0x6B
→0x010000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com